| 전자부품 데이터시트 검색엔진 |
|
STM32L4P5CEU3 데이터시트(PDF) 87 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEU3 데이터시트(HTML) 87 Page - STMicroelectronics |
|
87 / 311 page ![]() - --- -- --- - K7 K7 53 53 M6 M6 PF13 I/O FT - I2C4_SMBA, LCD_B1, FMC_A7, EVENTOUT - - --- -- --- - J8 J8 54 54 L6 L6 PF14 I/O FT _f - I2C4_SCL, TSC_G8_IO1, LCD_G0, FMC_A8, EVENTOUT - - --- -- --- - J9 J9 55 55 K6 K6 PF15 I/O FT _f - I2C4_SDA, TSC_G8_IO2, LCD_G1, FMC_A9, EVENTOUT - - --- -- --- - H9 H9 56 56 J6 J6 PG0 I/O FT - OCTOSPIM_P2_IO4, TSC_G8_IO3, FMC_A10, EVENTOUT - - --- -- --- - G9 G9 57 57 H6 H6 PG1 I/O FT - OCTOSPIM_P2_IO5, TSC_G8_IO4, FMC_A11, EVENTOUT - - - - - - - K6 K6 38 38 M7 M7 58 58 L7 L7 PE7 I/O FT - TIM1_ETR, DFSDM1_DATIN2, LCD_B6, FMC_D4, SAI1_SD_B, EVENTOUT - Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |