| 전자부품 데이터시트 검색엔진 |
|
STM32L4P5CEU3 데이터시트(PDF) 83 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEU3 데이터시트(HTML) 83 Page - STMicroelectronics |
|
83 / 311 page ![]() 12 12 12 12 16 16 H8 H7 25 25 K3 K3 36 36 N1 N1 PA2 I/O FT _la - TIM2_CH3, TIM5_CH3, USART2_TX, LPUART1_TX, OCTOSPIM_P1_NCS , SAI2_EXTCLK, TIM15_CH1, EVENTOUT ADC12_IN7, WKUP4/LSCO 13 13 13 13 17 17 J9 J9 26 26 L3 L3 37 37 M2 M2 PA3 I/O TT _a - TIM2_CH4, TIM5_CH4, SAI1_CK1, USART2_RX, LPUART1_RX, OCTOSPIM_P1_CLK , SAI1_MCLK_A, TIM15_CH2, EVENTOUT OPAMP1_VOUT, ADC12_IN8 - - - - 18 18 K10 K10 27 27 E3 E3 38 38 H2 H2 VSS S - - - - - - - - 19 19 J8 J8 28 28 H3 H3 39 39 N3 N3 VDD S - - - - Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |