전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CEU3 데이터시트(PDF) 84 Page - STMicroelectronics

부품명 STM32L4P5CEU3
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU3 데이터시트(HTML) 84 Page - STMicroelectronics

Back Button STM32L4P5CEU3 Datasheet HTML 80Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 81Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 82Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 83Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 84Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 85Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 86Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 87Page - STMicroelectronics STM32L4P5CEU3 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 311 page
background image
14
14
14
14
20
20
H7
F6
29
29
J4
J4
40
40
L3
L3
PA4
I/O
TT
_a
-
OCTOSPIM_P1_NCS
, SPI1_NSS,
SPI3_NSS,
USART2_CK,
DCMI_HSYNC/PSSI_
DE, LCD_CLK,
SAI1_FS_B,
LPTIM2_OUT,
EVENTOUT
ADC12_IN9,
DAC1_OUT1
15
15
15
15
21
21
J7
G6
30
30
K4
K4
41
41
K4
K4
PA5
I/O
TT
_a
-
TIM2_CH1,
TIM2_ETR,
TIM8_CH1N,
PSSI_D14,
SPI1_SCK, LCD_R7,
LPTIM2_ETR,
EVENTOUT
ADC12_IN10,
DAC1_OUT2
16
16
16
16
22
22
K9
K9
31
31
L4
L4
42
42
M4
M4
PA6
I/O
FT
_a
-
TIM1_BKIN,
TIM3_CH1,
TIM8_BKIN,
DCMI_PIXCLK/PSSI_
PDCK, SPI1_MISO,
USART3_CTS_NSS,
LPUART1_CTS,
OCTOSPIM_P1_IO3,
TIM16_CH1,
EVENTOUT
OPAMP2_VINP,
ADC12_IN11
-
---
--
---
-
M4
M4
-
-
N4
N4
OPAMP2
_VINM
ITT
-
-
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More