| 전자부품 데이터시트 검색엔진 |
|
STM32L4P5CEU3 데이터시트(PDF) 107 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEU3 데이터시트(HTML) 107 Page - STMicroelectronics |
|
107 / 311 page ![]() - --- -- --- - F11 F11 120 120 M3 M3 VSS S - - - - - - - - - - A4 A4 - - G11 G11 121 121 A8 A8 VDD S - - - - - - - - - - B5 D5 87 87 B6 B6 122 122 E7 E7 PD6 I/O FT - SAI1_D1, DCMI_D10/PSSI_D1 0, SPI3_MOSI, DFSDM1_DATIN1, USART2_RX, SDMMC2_CK, OCTOSPIM_P1_IO6, LCD_DE, FMC_NWAIT, SAI1_SD_A, EVENTOUT - - - - - - - C6 C5 88 88 A5 A5 123 123 F7 F7 PD7 I/O FT - DFSDM1_CKIN1, USART2_CK, SDMMC2_CMD, OCTOSPIM_P1_IO7, FMC_NCE/FMC_NE1 , EVENTOUT - - - - - - - D6 B5 - - D9 D9 124 124 B7 B7 PG9 I/O FT _s - OCTOSPIM_P2_IO6, SPI3_SCK, USART1_TX, SDMMC2_D0, FMC_NCE/FMC_NE2 , SAI2_SCK_A, TIM15_CH1N, EVENTOUT - Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |