| 전자부품 데이터시트 검색엔진 |
|
STM32L4P5CEU3 데이터시트(PDF) 212 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEU3 데이터시트(HTML) 212 Page - STMicroelectronics |
|
212 / 311 page ![]() Electrical characteristics STM32L4P5xx 212/311 DS12903 Rev 2 1. Guaranteed by design. 2. The I/O analog switch voltage booster is enable when VDDA < 2.4 V (BOOSTEN = 1 in the SYSCFG_CFGR1 when VDDA < 2.4V). It is disable when VDDA ≥ 2.4 V. 3. Fast channels are: PC0, PC1, PC2, PC3, PA0. 4. Slow channels are: all ADC inputs except the fast channels. |