전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M58LR128KB855 데이터시트(PDF) 9 Page - Numonyx B.V

부품명 M58LR128KB855
상세설명  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NUMONYX [Numonyx B.V]
홈페이지  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR128KB855 데이터시트(HTML) 9 Page - Numonyx B.V

Back Button M58LR128KB855 Datasheet HTML 5Page - Numonyx B.V M58LR128KB855 Datasheet HTML 6Page - Numonyx B.V M58LR128KB855 Datasheet HTML 7Page - Numonyx B.V M58LR128KB855 Datasheet HTML 8Page - Numonyx B.V M58LR128KB855 Datasheet HTML 9Page - Numonyx B.V M58LR128KB855 Datasheet HTML 10Page - Numonyx B.V M58LR128KB855 Datasheet HTML 11Page - Numonyx B.V M58LR128KB855 Datasheet HTML 12Page - Numonyx B.V M58LR128KB855 Datasheet HTML 13Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 110 page
background image
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
Description
9/111
The device includes 17 Protection Registers and 2 Protection Register locks, one for the first
Protection Register and the other for the 16 one-time-programmable (OTP) Protection
Registers of 128 bits each. The first Protection Register is divided into two segments: a 64
bit segment containing a unique device number written by Numonyx, and a 64 bit segment
OTP by the user. The user programmable segment can be permanently protected. Figure 4,
shows the Protection Register memory map.
The M58LRxxxKT/B are only available as part of a multichip package. The devices are
supplied with all the bits erased (set to ’1’).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More