전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STE100 데이터시트(PDF) 41 Page - STMicroelectronics

부품명 STE100
상세설명  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100 데이터시트(HTML) 41 Page - STMicroelectronics

Back Button STE100 Datasheet HTML 37Page - STMicroelectronics STE100 Datasheet HTML 38Page - STMicroelectronics STE100 Datasheet HTML 39Page - STMicroelectronics STE100 Datasheet HTML 40Page - STMicroelectronics STE100 Datasheet HTML 41Page - STMicroelectronics STE100 Datasheet HTML 42Page - STMicroelectronics STE100 Datasheet HTML 43Page - STMicroelectronics STE100 Datasheet HTML 44Page - STMicroelectronics STE100 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
41/66
STE10/100
6.0 FUNCTIONAL DESCRIPTIONS
6.1 Initialization Flow
Figure 4. Initialization Flow of STE10/100
Search NIC
Get base IO address
Get IRQ value
Reset MAC (CSR0)
Reset PHY (XR0)
Need set
media type?
Read EEPROM from CSR9
Set Physical adress (CSR25, 26)
Need set
Multicast?
(Force Media)
Program the media
type to XR0
Yes
No
A
Set Multicast address
table (CSR27, 28)
No
Yes
Prepare Transmit descriptor and buffer
Prepare Receive descriptor and buffer
Install NIC ISR function
Open NIC interrupt
Enable Tx & Rx functions
END



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66