전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STE100 데이터시트(PDF) 44 Page - STMicroelectronics

부품명 STE100
상세설명  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100 데이터시트(HTML) 44 Page - STMicroelectronics

Back Button STE100 Datasheet HTML 40Page - STMicroelectronics STE100 Datasheet HTML 41Page - STMicroelectronics STE100 Datasheet HTML 42Page - STMicroelectronics STE100 Datasheet HTML 43Page - STMicroelectronics STE100 Datasheet HTML 44Page - STMicroelectronics STE100 Datasheet HTML 45Page - STMicroelectronics STE100 Datasheet HTML 46Page - STMicroelectronics STE100 Datasheet HTML 47Page - STMicroelectronics STE100 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
STE10/100
44/66
6.2.2 Descriptor Management
OWN bit = 1, ready for network side access
OWN bit = 0, ready for host side access
s
Transmit Descriptors
Figure 7. Transmit descriptor management
Buffer 1 pointer
Buffer 2 pointer
Descriptor Ring
Data Buffer
data
data
end of ring
Length 1
Length 2
0
1
1
1
0
0
packet1
packet1
packet2
next packet to be transmitted
own bit=1,
Packet 1 and packet 2
are ready to transmit
empty descriptor pointer
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66