| 전자부품 데이터시트 검색엔진 |
|
HD404369F 데이터시트(PDF) 45 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404369F 데이터시트(HTML) 45 Page - Renesas Technology Corp |
|
45 / 117 page ![]() HD404369 Series 43 Input/Output The MCU has 53 input/output pins (D 0–D13, R0–R9) and an input pin (RA 1). The features are described below. • Eight pins (R1–R2) are high-current (15 mA max) input/output with intermediate voltage NMOS open drain pins. • The D 0–D4, R0, R3–R5 input/output pins are multiplexed with peripheral function pins such as for the timers or serial interface. For these pins, the peripheral function setting is done prior to the D or R port setting. Therefore, when a peripheral function is selected for a pin, the pin function and input/output selection are automatically switched according to the setting. • Input or output selection for input/output pins and port or peripheral function selection for multiplexed pins are set by software. • Peripheral function output pins are CMOS output pins. Only the R0 2/SO pin can be set to NMOS open- drain output by software. • In stop mode, the MCU is reset, and therefore peripheral function selection is cancelled. Input/output pins are in high-impedance state. • Each input/output pin except for R1 and R2 has a built-in pull-up MOS, which can be individually turned on or off by software. I/O buffer configuration is shown in figure 26, programmable I/O circuits are listed in table 21, and I/O pin circuit types are shown in table 22. |