전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HD404369F 데이터시트(PDF) 77 Page - Renesas Technology Corp

부품명 HD404369F
상세설명  microcomputer has an A/D converter
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404369F 데이터시트(HTML) 77 Page - Renesas Technology Corp

Back Button HD404369F Datasheet HTML 73Page - Renesas Technology Corp HD404369F Datasheet HTML 74Page - Renesas Technology Corp HD404369F Datasheet HTML 75Page - Renesas Technology Corp HD404369F Datasheet HTML 76Page - Renesas Technology Corp HD404369F Datasheet HTML 77Page - Renesas Technology Corp HD404369F Datasheet HTML 78Page - Renesas Technology Corp HD404369F Datasheet HTML 79Page - Renesas Technology Corp HD404369F Datasheet HTML 80Page - Renesas Technology Corp HD404369F Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 117 page
background image
HD404369 Series
75
The output level of the SO pin is invalid until the first data is output after MCU reset, or until the output
level control in idle states is performed.
Transfer Control: The serial interface is activated by the STS instruction. The octal counter is reset to 000
by this instruction, and it increments at the rising edge of the transmit clock. When the eighth transmit
clock signal is input or when serial transmission/receive is discontinued, the octal counter is reset to 000,
the serial interrupt request flag (IFS: $003, bit 2) is set, and the transfer stops.
When the prescaler output is selected as the transmit clock, the transmit clock frequency is selected as 4t
cyc
to 8192t
cyc by setting bits 0 to 2 (SMR0– SMR2) of serial mode register (SMR: $005) and bit 0 (PMRC0)
of port mode register C (PMRC: $025) as listed in table 28.
Operating States: The serial interface has the following operating states; transitions between them are
shown in figure 59.
 STS wait state
 Transmit clock wait state
 Transfer state
 Continuous clock output state (only in internal clock mode)
• STS wait state: The serial interface enters STS wait state by MCU reset (00, 10 in figure 59). In STS
wait state, the serial interface is initialized and the transmit clock is ignored. If the STS instruction is
then executed (01, 11), the serial interface enters transmit clock wait state.
• Transmit clock wait state: Transmit clock wait state is the period between the STS execution and the
falling edge of the first transmit clock. In transmit clock wait state, input of the transmit clock (02, 12)
increments the octal counter, shifts the serial data register, and puts the serial interface in transfer state.
However, note that if continuous clock output mode is selected in internal clock mode, the serial
interface does not enter transfer state but enters continuous clock output state (17).
The serial interface enters STS wait state by writing data to the serial mode register (SMR: $005) (04,
14) in transmit clock wait state.
• Transfer state: Transfer state is the period between the falling edge of the first clock and the rising edge
of the eighth clock. In transfer state, the input of eight clocks or the execution of the STS instruction
sets the octal counter to 000, and the serial interface enters another state. When the STS instruction is
executed (05, 15), transmit clock wait state is entered. When eight clocks are input, transmit clock wait
state is entered (03) in external clock mode, and STS wait state is entered (13) in internal clock mode. In
internal clock mode, the transmit clock stops after outputting eight clocks.
In transfer state, writing data to the serial mode register (SMR: $005) (06, 16) initializes the serial
interface, and STS wait state is entered.
If the state changes from transfer to another state, the serial interrupt request flag (IFS: $003, bit 2) is set
by the octal counter that is reset to 000.
• Continuous clock output state (only in internal clock mode): Continuous clock output state is entered
only in internal clock mode. In this state, the serial interface does not transmit/receive data but only
outputs the transmit clock from the
SCK pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More