전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HD404369F 데이터시트(PDF) 88 Page - Renesas Technology Corp

부품명 HD404369F
상세설명  microcomputer has an A/D converter
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404369F 데이터시트(HTML) 88 Page - Renesas Technology Corp

Back Button HD404369F Datasheet HTML 84Page - Renesas Technology Corp HD404369F Datasheet HTML 85Page - Renesas Technology Corp HD404369F Datasheet HTML 86Page - Renesas Technology Corp HD404369F Datasheet HTML 87Page - Renesas Technology Corp HD404369F Datasheet HTML 88Page - Renesas Technology Corp HD404369F Datasheet HTML 89Page - Renesas Technology Corp HD404369F Datasheet HTML 90Page - Renesas Technology Corp HD404369F Datasheet HTML 91Page - Renesas Technology Corp HD404369F Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 117 page
background image
HD404369 Series
86
Registers for A/D Converter Operation
A/D Mode Register 1 (AMR1: $019): Four-bit write-only register which selects digital or analog ports, as
shown in figure 70.
Bit
Initial value
Read/Write
Bit name
3
0
W
AMR13
2
0
W
AMR12
0
0
W
AMR10
1
0
W
AMR11
AMR10
0
1
AN0
A/D mode register 1 (AMR1: $019)
AMR11
0
1
AN1
AMR12
0
1
R32/AN2 Mode Selection
R32
AN2
AMR13
0
1
R33/AN3 Mode Selection
R33
AN3
R30/AN0 Mode Selection
R30
R31/AN1 Mode Selection
R31
Figure 70 A/D Mode Register 1 (AMR1)
A/D Mode register 2 (AMR2: $01A): Three-bit write-only register which is used to set the A/D
conversion period and to select digital or analog ports. Bit 0 of the A/D mode register selects the A/D
conversion period, and bits 1 and 2 select ports R4–R5 as pins AN
4–AN11 in 4-pin units (figure 71).
Bit
Initial value
Read/Write
Bit name
3
—
—
Not used
2
0
W
AMR22
0
0
W
AMR20
1
0
W
AMR21
AMR20
0
1
67 tcyc
A/D mode register 2 (AMR2: $01A)
AMR21
0
1
AN4–AN7
AMR22
0
1
R5/AN8–AN11 Pin Selection
R5
AN8–AN11
Conversion Time
34 tcyc
R4/AN4–AN7 Pin Selection
R4
Figure 71 A/D Mode Register 2 (AMR2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More