| 전자부품 데이터시트 검색엔진 |
|
HD404369F 데이터시트(PDF) 20 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404369F 데이터시트(HTML) 20 Page - Renesas Technology Corp |
|
20 / 117 page ![]() HD404369 Series 18 Item Abbr. Initial Value Contents A/D A/D mode register 1 (AMR1) 0000 Refer to description of A/D mode register A/D mode register 2 (AMR2) - 000 A/D channel register (ACR) 0000 Refer to description of A/D channel register A/D data register (ADRL) 0000 Refer to description of A/D data register (ADRU) 1000 Bit registers Low speed on flag (LSON) 0 Refer to description of operating modes Watchdog timer on flag (WDON) 0 Refer to description of timer C A/D start flag (ADSF) 0 Refer to description of A/D converter I AD off flag (IAOF) 0 Refer to the description of A/D converter Direct transfer on flag (DTON) 0 Refer to description of operating modes Input capture status flag (ICSF) 0 Refer to description of timer B Input capture error flag (ICEF) 0 Refer to description of timer B Others Miscellaneous register (MIS) 0000 Refer to description of operating modes, I/O, and serial interface System clock select register 1 (SSR1) 000 - Refer to description of operating modes, and oscillation circuits System clock select register 2 (SSR2) - - 00 Refer to description of oscillation circuits Notes: 1. The statuses of other registers and flags after MCU reset are shown in the following table. 2. X indicates invalid value. – indicates that the bit does not exist. |