| 전자부품 데이터시트 검색엔진 |
|
HD404369F 데이터시트(PDF) 25 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404369F 데이터시트(HTML) 25 Page - Renesas Technology Corp |
|
25 / 117 page ![]() HD404369 Series 23 Interrupt Enable Flag (IE: $000, Bit 0): Controls the entire interrupt process. It is reset by the interrupt processing and set by the RTNI instruction, as listed in table 4. Table 4 Interrupt Enable Flag (IE: $000, Bit 0) IE Interrupt Enabled/Disabled 0 Disabled 1 Enabled External Interrupts ( INT 0, INT1): Two external interrupt signals. External Interrupt Request Flags (IF0: $000, Bit 2; IF1: $001, Bit 0): IF0 and IF1 are set at the rising edge of signals input to INT 0 and INT1, as listed in table 5. Table 5 External Interrupt Request Flags (IF0: $000, Bit2; IF1: $001, Bit 0) IF0, IF1 Interrupt Request 0No 1 Yes External Interrupt Masks (IM0: $000, Bit 3; IM1: $001, Bit 1): Prevent (mask) interrupt requests caused by the corresponding external interrupt request flags, as listed in table 6. Table 6 External Interrupt Masks (IM0: $000, Bit 3; IM1: $001, Bit 1) IM0, IM1 Interrupt Request 0 Enabled 1 Disabled (masked) Timer A Interrupt Request Flag (IFTA: $001, Bit 2): Set by overflow output from timer A, as listed in table 7. Table 7 Timer A Interrupt Request Flag (IFTA: $001, Bit 2) IFTA Interrupt Request 0No 1 Yes Timer A Interrupt Mask (IMTA: $001, Bit 3): Prevents (masks) an interrupt request caused by the timer A interrupt request flag, as listed in table 8. |