| 전자부품 데이터시트 검색엔진 |
|
HD404369F 데이터시트(PDF) 63 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404369F 데이터시트(HTML) 63 Page - Renesas Technology Corp |
|
63 / 117 page ![]() HD404369 Series 61 • Timer read register B (TRBL: $00A, TRBU: $00B): Read-only register consisting of the lower digit (TRBL) and the upper digit (TRBU) that holds the count of the timer B upper digit (figures 44 and 45). The upper digit (TRBU) must be read first. At this time, the count of the timer B upper digit is obtained, and the count of the timer B lower digit is latched to the lower digit (TRBL). After this, by reading TRBL, the count of timer B when TRBU is read can be obtained. When the input capture timer operation is selected and if the count of timer B is read after a trigger is input, either the lower or upper digit can be read first. • Port mode register B (PMRB: $024): Write-only register that selects D 2/EVNB pin function as shown in figure 46. It is reset to $0 by MCU reset. Bit Initial value Read/Write Bit name 3 — — Not used 2 0 W TMB22 0 0 W TMB20 1 0 W TMB21 Timer mode register B2 (TMB2: $026) TMB21 0 1 TMB20 0 1 0 1 EVNB Edge Detection Selection No detection Falling edge detection Rising edge detection Rising and falling edge detection TMB22 0 1 Free-Running/Reload and Input Capture Selection Free-running/reload Input capture Figure 41 Timer Mode Register B2 (TMB2) Bit Initial value Read/Write Bit name 3 0 W TWBL3 2 0 W TWBL2 0 0 W TWBL0 1 0 W TWBL1 Timer write register B (lower digit) (TWBL: $00A) Figure 42 Timer Write Register B Lower Digit (TWBL) |