| 전자부품 데이터시트 검색엔진 |
|
HD4046212RFS 데이터시트(PDF) 34 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD4046212RFS 데이터시트(HTML) 34 Page - Renesas Technology Corp |
|
34 / 157 page ![]() HD404629R Series 32 Table 20 Operations in Low-Power Dissipation Modes Function Stop Mode Watch Mode Standby Mode Subactive Mode*2 CPU Reset Retained Retained OP RAM Retained Retained Retained OP Timer A Reset OP OP OP Timer B Reset Stopped OP OP Timer C Reset Stopped OP OP Timer D Reset Stopped OP OP Serial interface Reset Stopped*3 OP OP A/D Reset Stopped OP Stopped LCD Reset OP *4 OP OP DTMF Reset Reset Stopped Reset I/O Reset*1 Retained Retained OP Notes: OP implies in operation. 1. Output pins are at high impedance. 2. Subactive mode is an optional function specified on the function option list. 3. Transmission/Reception is activated if a clock is input in external clock mode. However, interrupts stop. 4. When a 32-kHz clock source is used. Table 21 I/O Status in Low-Power Dissipation Modes Output Input Standby Mode, Watch Mode Stop Mode Active Mode, Subactive Mode D0–D9 Retained High impedance Input enabled D10–D11 — — Input enabled R0–R7 Retained or output of peripheral functions High impedance Input enabled |