전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HD4046212RFS 데이터시트(PDF) 24 Page - Renesas Technology Corp

부품명 HD4046212RFS
상세설명  AS Microcomputer Incorporating a DTMF Generator Circuit
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4046212RFS 데이터시트(HTML) 24 Page - Renesas Technology Corp

Back Button HD4046212RFS Datasheet HTML 20Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 21Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 22Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 23Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 24Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 25Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 26Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 27Page - Renesas Technology Corp HD4046212RFS Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 157 page
background image
HD404629R Series
22
during the second and third cycles, and the program jumps to the vector address to execute the instruction
in the third cycle.
Program the JMPL instruction at each vector address, to branch the program to the start address of the
interrupt program, and reset the IF by a software instruction within the interrupt program.
Table 2 Vector Addresses and Interrupt Priorities
Reset/Interrupt
Priority
Vector Address
RESET,
STOPC*
—
$0000
INT
0
1
$0002
INT
1
2
$0004
Timer A
3
$0006
Timer B, INT2
4
$0008
Timer C, INT3
5
$000A
Timer D, INT4
6
$000C
A/D, Serial
7
$000E
Note:
* The
STOPC interrupt request is valid only in
stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More