| 전자부품 데이터시트 검색엔진 |
|
HD4046212RFS 데이터시트(PDF) 83 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD4046212RFS 데이터시트(HTML) 83 Page - Renesas Technology Corp |
|
83 / 157 page ![]() HD404629R Series 81 Note on Use When using the timer output as PWM output, note the following point. From the update of the timer write register untill the occurrence of the overflow interrupt, the PWM output differs from the period and duty settings, as shown in table 27. The PWM output should therefore not be used until after the overflow interrupt following the update of the timer write register. After the overflow, the PWM output will have the set period and duty cycle. Table 27 PWM Output Following Update of Timer Write Register PWM Output Mode Timer Write Register is Updated during High PWM Output Timer Write Register is Updated during Low PWM Output Free running Timer write register rewrite (set value is N) Timer write register rewrite (set value is N) Interrupt request generated Interrupt request generated T × (255 – N) T × (N + 1) T × (N' + 1) T × (255 – N) T × (N + 1) Reload Timer write register rewrite (set value is N) Timer write register rewrite (set value is N) Interrupt request generated Interrupt request generated T T × (255 – N) T T T × (255 – N) T |