| 전자부품 데이터시트 검색엔진 |
|
HD4046212RFS 데이터시트(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD4046212RFS 데이터시트(HTML) 10 Page - Renesas Technology Corp |
|
10 / 157 page ![]() HD404629R Series 8 Pin Number Item Symbol FP-100B TFP-100B FP-100A I/O Function A/D converter AV CC 1 3 Power pin for A/D converter: Connect it to the same potential as V CC, as physically close to the VCC pin as possible AV SS 6 8 Ground for AV CC: Connect it to the same potential as GND, as physically close to the GND pin as possible AN 0–AN3 2–5 4–7 I Analog input pins for A/D converter DTMF TONER 99 1 O Output pin for DTMF row signals TONEC 98 100 O Output pin for DTMF column signals VT ref 100 2 Reference voltage pin for DTMF signals. Voltage conditions are: V CC ≥ VTref ≥ GND |