전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

H8SX1663 데이터시트(PDF) 104 Page - Renesas Technology Corp

부품명 H8SX1663
상세설명  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 데이터시트(HTML) 104 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 100Page - Renesas Technology Corp H8SX1663 Datasheet HTML 101Page - Renesas Technology Corp H8SX1663 Datasheet HTML 102Page - Renesas Technology Corp H8SX1663 Datasheet HTML 103Page - Renesas Technology Corp H8SX1663 Datasheet HTML 104Page - Renesas Technology Corp H8SX1663 Datasheet HTML 105Page - Renesas Technology Corp H8SX1663 Datasheet HTML 106Page - Renesas Technology Corp H8SX1663 Datasheet HTML 107Page - Renesas Technology Corp H8SX1663 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 1158 page
background image
Section 2 CPU
Rev.1.00 Jun. 07, 2006 Page 52 of 1102
REJ09B0294-0100
Instruction
Size
Function
BISTZ
B
∼ Z → (<bit-No.> of <EAd>)
Transfers the inverse of the zero flag value to a specified bit in the
contents of a memory location. The bit number is specified by 3-bit
immediate data.
BFLD
B
(EAs) (bit field)
→ Rd
Transfers a specified bit field in memory location contents to the lower bits
of a specified general register.
BFST
B
Rs
→ (EAd) (bit field)
Transfers the lower bits of a specified general register to a specified bit
field in memory location contents.
Table 2.10
Branch Instructions
Instruction
Size
Function
BRA/BS
BRA/BC
B
Tests a specified bit in memory location contents. If the specified
condition is satisfied, execution branches to a specified address.
BSR/BS
BSR/BC
B
Tests a specified bit in memory location contents. If the specified
condition is satisfied, execution branches to a subroutine at a specified
address.
Bcc
—
Branches to a specified address if the specified condition is satisfied.
BRA/S
—
Branches unconditionally to a specified address after executing the next
instruction. The next instruction should be a 1-word instruction except for
the block transfer and branch instructions.
JMP
—
Branches unconditionally to a specified address.
BSR
—
Branches to a subroutine at a specified address.
JSR
—
Branches to a subroutine at a specified address.
RTS
—
Returns from a subroutine.
RTS/L
—
Returns from a subroutine, restoring data from the stack to multiple
general registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More