| 전자부품 데이터시트 검색엔진 |
|
M16C/1N 데이터시트(PDF) 121 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/1N 데이터시트(HTML) 121 Page - Renesas Technology Corp |
|
121 / 238 page ![]() Rev.1.00 Oct 20, 2004 page 109 of 222 M16C/1N Group 13. Serial I/O REJ09B0007-0100Z SP SP PAR 2SP 1SP UART UART (7 bits) UART (8 bits) UART (7 bits) UART (9 bits) Clock synchronous type Clock synchronous type TxDi UARTi transmit register PAR enabled PAR disabled D8 D7 D6 D5 D4 D3 D2 D1 D0 SP: Stop bit PAR: Parity bit UARTi transmit buffer register MSB/LSB conversion circuit UART (8 bits) UART (9 bits) Clock synchronous type UARTi receive buffer register UARTi receive register 2SP 1SP PAR enabled PAR disabled UART UART (7 bits) UART (9 bits) Clock synchronous type Clock synchronous type UART (7 bits) UART (8 bits) RxDi Clock synchronous type UART (8 bits) UART (9 bits) Data bus low-order bits MSB/LSB conversion circuit D7 D6 D5 D4 D3 D2 D1 D0 D8 00 0 0 0 0 0 SP SP PAR "0" Data bus high-order bits Figure 13.2 Block diagram of transmit/receive unit |