| 전자부품 데이터시트 검색엔진 |
|
SH7708 데이터시트(PDF) 129 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7708 데이터시트(HTML) 129 Page - Renesas Technology Corp |
|
129 / 633 page ![]() 111 Table 6.3 IRL3–IRL0 Pins and Interrupt Levels IRL3 IRL2 IRL1 IRL0 Interrupt Priority Level Interrupt Request 0000 15 Level 15 interrupt request 0001 14 Level 14 interrupt request 0010 13 Level 13 interrupt request 0011 12 Level 12 interrupt request 0100 11 Level 11 interrupt request 0101 10 Level 10 interrupt request 0110 9 Level 9 interrupt request 0111 8 Level 8 interrupt request 1000 7 Level 7 interrupt request 1001 6 Level 6 interrupt request 1010 5 Level 5 interrupt request 1011 4 Level 4 interrupt request 1100 3 Level 3 interrupt request 1101 2 Level 2 interrupt request 1110 1 Level 1 interrupt request 1111 0 No interrupt request A noise-cancellation feature is built in, and the IRL interrupt is not detected unless the levels sampled at every supporting module cycle remain unchanged for two consecutive cycles, so that no transient level on the IRL pin change is detected. In standby mode, as the peripheral clock is stopped, noise cancellation is performed using the 32.768 kHz clock for the RTC instead. Therefore when the RTC is not used, interruption by means of IRL interrupts cannot be performed in standby mode. The priority level of the IRL interrupt must not be lowered unless the interrupt is accepted and the interrupt handling starts. However, the priority level can be changed to a higher one. The interrupt mask bits (I3–I0) in the status register (SR) are not affected by IRL interrupt handling. |