전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT45DB021D 데이터시트(PDF) 30 Page - ATMEL Corporation

부품명 AT45DB021D
상세설명  2-megabit 2.7-volt Minimum DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021D 데이터시트(HTML) 30 Page - ATMEL Corporation

Back Button AT45DB021D_08 Datasheet HTML 26Page - ATMEL Corporation AT45DB021D_08 Datasheet HTML 27Page - ATMEL Corporation AT45DB021D_08 Datasheet HTML 28Page - ATMEL Corporation AT45DB021D_08 Datasheet HTML 29Page - ATMEL Corporation AT45DB021D_08 Datasheet HTML 30Page - ATMEL Corporation AT45DB021D_08 Datasheet HTML 31Page - ATMEL Corporation AT45DB021D_08 Datasheet HTML 32Page - ATMEL Corporation AT45DB021D_08 Datasheet HTML 33Page - ATMEL Corporation AT45DB021D_08 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
30
3638F–DFLASH–4/08
AT45DB021D
Note:
x = Don’t Care
Table 15-6.
Detailed Bit-level Addressing Sequence for Binary Page Size (256 Bytes)
Page Size = 256 bytes
Address Byte
Address Byte
Address Byte
Additional
Don’t Care
Bytes
Opcode
Opcode
03h
0000
001
1
x
x
x
x
x
x
A
A
A
A
AAAA
A
A
A
AAAA
AA
A
N/A
0Bh
0000
101
1
x
x
x
x
x
x
A
A
A
A
AAAA
A
A
A
AAAA
AA
A
1
50h
0101
000
0
x
x
x
x
x
x
A
A
A
A
A
A
x
x
x
x
x
x
xxxx
x
x
N/A
53h
0101
001
1
x
x
x
x
x
x
A
A
A
A
AAAA
A
A
x
x
xxxx
x
x
N/A
58h
0101
100
0
x
x
x
x
x
x
A
A
A
A
AAAA
A
A
x
x
xxxx
x
x
N/A
60h
0110
000
0
x
x
x
x
x
x
A
A
A
A
AAAA
A
A
x
x
xxxx
x
x
N/A
77h
0111
011
1
x
x
x
xxxx
x
x
x
xxxx
x
x
xx
xxxx
x
x
N/A
7Ch
0111
110
0
x
x
x
x
x
x
A
x
x
x
xxxx
x
x
xx
xxxx
x
x
N/A
81h
1000
000
1
x
x
x
x
x
x
A
A
A
A
AAAA
A
A
x
x
xxxx
x
x
N/A
82h
1000
001
0
x
x
x
x
x
x
A
A
A
A
AAAA
A
A
A
AAAA
AA
A
N/A
83h
1000
001
1
x
x
x
x
x
x
A
A
A
A
AAAA
A
A
x
x
xxxx
x
x
N/A
84h
1000
010
0
x
x
x
xxxx
x
x
x
xxxx
x
x
A
AAAA
AA
A
N/A
88h
1000
100
0
x
x
x
x
x
x
A
A
A
A
AAAA
A
A
x
x
xxxx
x
x
N/A
9Fh
1001
111
1
N/A
N/A
N/A
N/A
B9h
1011
100
1
N/A
N/A
N/A
N/A
ABh
1010
101
1
N/A
N/A
N/A
N/A
D1h
1101
000
1
x
x
x
xxxx
x
x
x
xxxx
x
x
A
AAAA
AA
A
N/A
D2h
1101
001
0
x
x
x
x
x
x
A
A
A
A
AAAA
A
A
A
AAAA
AA
A
4
D4h
1101
010
0
x
x
x
xxxx
x
x
x
xxxx
x
x
A
AAAA
AA
A
1
D7h
1101
011
1
N/A
N/A
N/A
N/A
E8h
1110
100
0
x
x
x
x
x
x
A
A
A
A
AAAA
A
A
A
AAAA
AA
A
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com