전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMS320VC5421 데이터시트(PDF) 7 Page - Texas Instruments

부품명 TMS320VC5421
상세설명  DIGITAL SIGNAL PROCESSOR
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5421 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 3Page - Texas Instruments TMS320VC5421 Datasheet HTML 4Page - Texas Instruments TMS320VC5421 Datasheet HTML 5Page - Texas Instruments TMS320VC5421 Datasheet HTML 6Page - Texas Instruments TMS320VC5421 Datasheet HTML 7Page - Texas Instruments TMS320VC5421 Datasheet HTML 8Page - Texas Instruments TMS320VC5421 Datasheet HTML 9Page - Texas Instruments TMS320VC5421 Datasheet HTML 10Page - Texas Instruments TMS320VC5421 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
TMS320VC5421
DIGITAL SIGNAL PROCESSOR
SPRS098 – DECEMBER 1999
7
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Pin Assignments for the TMS320VC5421GGU
(144-Pin MicroStar Ball Grid Array)
SIGNAL NAME
SIGNAL NAME
BALL
SIGNAL NAME
SIGNAL NAME
BALL
(NONMULTIPLEXED)
(MULTIPLEXED)
NO.
(NONMULTIPLEXED)
(MULTIPLEXED)
NO.
PPD7
HD7
A1
PPA8
HA8
B1
A_RS
E1
CVDD
F1
A_XF
J1
TMS
K1
VSS
N1
PPD0
HD0
A2
A_INT1
D2
A_GPIO1
E2
VSS
H2
A_CLKOUT
J2
TDO
M2
PPD15
HD15
N2
PPD5
HD5
C3
PPD1
HD1
D3
A_BCLKR1
G3
A_BDX1
H3
A_INT0
L3
PPD14
HD14
M3
A_BDX2
B4
A_BFSX2
C4
A_GPIO0
A_ROMEN
F4
A_BFSX1
G4
PPD13
HD13
K4
PPD12
HD12
L4
CVDD
A5
VSS
B5
A_BCLKR0
K5
A_BFSX0
L5
CLKIN
A6
DVDD
B6
A_BDX0
K6
A_BCLKX0
L6
AVDD
A7
VSS
B7
DVDD
K7
B_BDX0
L7
B_BCLKX2
A8
B_BDX2
B8
B_BDR0
K8
B_BCLKR0
L8
CVDD
A9
VSS
B9
R/W
HR/W
K9
B_BFSR0
L9
PPD2
HD2
A10
PPD3
HD3
B10
IS
B_GPIO3/B_TOUT
E10
B_BFSR1
F10
B_CLKOUT
J10
PPA12
HA12
K10
PPA2
HCNTL1/HA2
N10
DVDD
A11
B_INT0
D11
B_GPIO2/BIO
E11
VSS
H11
B_XF
J11
PPD9
HD9
M11
PPD8
HD8
N11
PPA16
HA16
C12
B_INT1
D12
B_BDX1
G12
CVDD
H12
DVDD
L12
VSS
M12
PPA15
HA15
B13
PPA17
HA17
C13
VSS
F13
VSS
G13
HMODE
K13
VSS
L13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88