전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8576CU/2 데이터시트(PDF) 17 Page - NXP Semiconductors

부품명 PCF8576CU/2
상세설명  Universal LCD driver for low multiplex rates
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576CU/2 데이터시트(HTML) 17 Page - NXP Semiconductors

Back Button PCF8576CU/2 Datasheet HTML 13Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 14Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 15Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 16Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 17Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 18Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 19Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 20Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
PCF8576C_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 9 July 2009
17 of 56
NXP Semiconductors
PCF8576C
Universal LCD driver for low multiplex rates
7.5 Oscillator
The internal logic and the LCD drive signals of the PCF8576C are timed by the frequency
fclk, which equals either the built-in oscillator frequency fosc or the external clock frequency
fclk(ext).
The clock frequency (fclk) determines the LCD frame frequency (ffr) and the maximum rate
for data reception from the I2C-bus. To allow I2C-bus transmissions at their maximum data
rate of 100 kHz, fclk should be chosen to be above 125 kHz.
7.5.1 Internal clock
The internal oscillator is enabled by connecting pin OSC to pin VSS. In this case, the
output from pin CLK is the clock signal for any cascaded PCF8576s or PCF8566s in the
system.
Remark: The PCF8576C is backwards compatible with the PCF8576 (Voper up to 9 V).
Where resistor Rext (on pin OSC) to VSS is present, the internal oscillator is selected.
7.5.2 External clock
Connecting pin OSC to VDD enables an external clock source. Pin CLK then becomes the
external clock input.
Remark: A clock signal must always be supplied to the device. Removing the clock,
freezes the LCD in a DC state, which is not suitable for the liquid crystal.
7.6 Timing
The timing of the PCF8576C sequences the internal data flow of the device. This includes
the transfer of display data from the display RAM to the display segment outputs. In
cascaded applications, the synchronization signal (SYNC) maintains the correct timing
relationship between the PCF8576Cs in the system. The timing also generates the LCD
frame frequency which is derived as an integer division of the clock frequency (see
Table 6). The frame frequency is set by the mode set commands when an internal clock is
used or by the frequency applied to the pin CLK when an external clock is used.
[1]
The possible values for fclk see Table 20.
[2]
For fclk = 200 kHz.
[3]
For fclk = 31 kHz.
The ratio between the clock frequency and the LCD frame frequency depends on the
mode in which the device is operating. In the power-saving mode the reduction ratio is six
times smaller; this allows the clock frequency to be reduced by a factor of six. The
reduced clock frequency results in a significant reduction in power consumption.
Table 6.
LCD frame frequencies [1]
PCF8576C mode
Frame frequency
Nominal frame frequency (Hz)
Normal mode
69 [2]
Power saving mode
65 [3]
f
fr
f
clk
2880
-------------
=
f
fr
f
clk
480
----------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com