전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8576CU/2 데이터시트(PDF) 36 Page - NXP Semiconductors

부품명 PCF8576CU/2
상세설명  Universal LCD driver for low multiplex rates
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576CU/2 데이터시트(HTML) 36 Page - NXP Semiconductors

Back Button PCF8576CU/2 Datasheet HTML 32Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 33Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 34Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 35Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 36Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 37Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 38Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 39Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
PCF8576C_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 9 July 2009
36 of 56
NXP Semiconductors
PCF8576C
Universal LCD driver for low multiplex rates
The SYNC line is provided to maintain the correct synchronization between all cascaded
PCF8576Cs. This synchronization is guaranteed after the power-on reset. The only time
that SYNC is likely to be needed is if synchronization is accidentally lost (e.g. by noise in
adverse electrical environments; or by the defining a multiplex mode when PCF8576Cs
with differing SA0 levels are cascaded).
SYNC is organized as an input/output pin; the output selection being realized as an
open-drain driver with an internal pull-up resistor. A PCF8576C asserts the SYNC line
and monitors the SYNC line at all other times. If synchronization in the cascade is lost, it is
restored by the first PCF8576C to assert SYNC. The timing relationship between the
backplane waveforms and the SYNC signal for the various drive modes of the PCF8576C
are shown in Figure 30.
For single plane wiring of packaged PCF8576Cs and chip-on-glass cascading, see
Figure 31.
.
Fig 29. Cascaded PCF8576C configuration
HOST
MICRO-
PROCESSOR/
MICRO-
CONTROLLER
SDA
SCL
CLK
OSC
SYNC
1
17 to 56
13,15,
14,16
13,15,
14,16
2
3
4
6
78
512
910
11
4 backplanes
40 segment drives
LCD PANEL
(up to 2560
elements)
PCF8576CT
A0
A1
A2
SA0 VSS
VDD
VSS
VLCD
VDD
VLCD
mbe533
SDA
SCL
SYNC
CLK
OSC
15
12
2
3
4
6
17 to 56
BP0 to BP3
(open-circuit)
A0
A1
A2
SAO VSS
VDD
VLCD
PCF8576CT
BP0 to BP3
R
≤
tr
2CB
40 segment drives



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com