전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8576CU/2 데이터시트(PDF) 26 Page - NXP Semiconductors

부품명 PCF8576CU/2
상세설명  Universal LCD driver for low multiplex rates
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576CU/2 데이터시트(HTML) 26 Page - NXP Semiconductors

Back Button PCF8576CU/2 Datasheet HTML 22Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 23Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 24Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 25Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 26Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 27Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 28Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 29Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
PCF8576C_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 9 July 2009
26 of 56
NXP Semiconductors
PCF8576C
Universal LCD driver for low multiplex rates
8.3 Command decoder
The command decoder identifies command bytes that arrive on the I2C-bus. All available
commands carry a continuation bit C in their most significant bit position as shown in
Figure 19. When this bit is set, it indicates that the next byte of the transfer to arrive will
also represent a command. If this bit is reset, it indicates that the command byte is the last
in the transfer. Further bytes will be regarded as display data.
The five commands available to the PCF8576C are defined in Table 8.
Fig 18. I2C-bus protocol
mbe538
S
A
0
S
011100
0 A
C
COMMAND
A
P
A
DISPLAY DATA
slave address
R/W
acknowledge by
all addressed
PCF8576Cs
acknowledge
by A0, A1 and A2
selected
PCF8576C only
n
≥ 1 byte(s)
n
≥ 0 byte(s)
1 byte
update data pointers
and if necessary,
subaddress counter
(1) C = 0; last command
(2) C = 1; commands continue
Fig 19. General format of byte command
msa833
REST OF OPCODE
C
MSB
LSB
Table 8.
Definition of PCF8576C commands
Command
OPCODE
Reference
Description
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
mode set
C
1
0
LP
E
B
M1
M0
Section 8.3.1 defines LCD drive mode, LCD bias
configuration, display status and power
dissipation mode
load data
pointer
C
0
P5
P4
P3
P2
P1
P0
Section 8.3.2 data pointer to define one of 40 display
RAM addresses
device select C
1
1
0
0
A2
A1
A0
Section 8.3.3 define one of eight hardware
subaddresses
bank select
C
1
1
1
1
0
I
O
Section 8.3.4 bit I: defines input bank selection
(storage of arriving display data);
bit O: defines output bank selection
(retrieval of LCD display data)
blink
C
1
1
1
0
A
BF1
BF0
Section 8.3.5 defines the blink frequency and blink
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com