전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8576CU/2 데이터시트(PDF) 43 Page - NXP Semiconductors

부품명 PCF8576CU/2
상세설명  Universal LCD driver for low multiplex rates
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576CU/2 데이터시트(HTML) 43 Page - NXP Semiconductors

Back Button PCF8576CU/2 Datasheet HTML 39Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 40Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 41Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 42Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 43Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 44Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 45Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 46Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
PCF8576C_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 9 July 2009
43 of 56
NXP Semiconductors
PCF8576C
Universal LCD driver for low multiplex rates
Fig 36. Bare die outline of PCF8576CU
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
PCF8576CU
pcf8576cu_do
29-06-02
Unit
mm
max
nom
min
0.38
2.82
0.610
0.096
0.110 0.097 0.110
A
Dimensions
Note
1. Pad size
2. Passivation opening
3. Dimension not drawn to scale
4. Marking code: PC8576C-1
Wire bond die; 56 bonding pads; 3.0 x 2.82 x 0.38 mm
PCF8576CU
DE
3.00
e(3)
P1(1)
P2(2)
P3(1)
P4(2)
0.097
0
0.5
1 mm
scale
detail X
P4
P2
P1
P3
A
e
X
0
0
y
x
D
E
(4)
F
C2
C1
35
50
51
56
1
7
8
20
21
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com