전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8576CU/2 데이터시트(PDF) 22 Page - NXP Semiconductors

부품명 PCF8576CU/2
상세설명  Universal LCD driver for low multiplex rates
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576CU/2 데이터시트(HTML) 22 Page - NXP Semiconductors

Back Button PCF8576CU/2 Datasheet HTML 18Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 19Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 20Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 21Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 22Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 23Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 24Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 25Page - NXP Semiconductors PCF8576CU/2 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
PCF8576C_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 9 July 2009
22 of 56
NXP Semiconductors
PCF8576C
Universal LCD driver for low multiplex rates
The PCF8576C includes a RAM bank switching feature in the static and 1:2 multiplex
drive modes. In the static drive mode, the bank select command may request the contents
of bit 2 to be selected for display instead of the contents of bit 0. In 1:2 multiplex drive
mode, the contents of bits 2 and 3 may be selected instead of bits 0 and 1. This enables
preparation of display information in an alternative bank and the ability to switch to it once
it has been assembled.
7.14.2 Input bank selector
The input bank selector (see Table 15) loads display data into the display RAM based on
the selected LCD drive configuration. Using the bank select command, display data can
be loaded in bit 2 into static drive mode or in bits 2 and 3 into 1:2 multiplex drive mode.
The input bank selector functions independently of the output bank selector.
7.15 Blinker
The display blinking capabilities of the PCF8576C are very versatile. The whole display
can be blinked at frequencies selected by the blink command. The blinking frequencies
are integer fractions of the clock frequency; the ratios between the clock and blinking
frequencies depend on the mode in which the device is operating (see Table 7).
An additional feature is for an arbitrary selection of LCD segments to be blinked. This
applies to the static and 1:2 multiplex drive modes and can be implemented without any
communication overheads. Using the output bank selector, the displayed RAM banks are
exchanged with alternate RAM banks at the blinking frequency. This mode can also be
specified by the blink command (see Table 16).
In the 1:3 and 1:4 multiplex modes, where no alternate RAM bank is available, groups of
LCD segments can be blinked by selectively changing the display RAM data at fixed time
intervals.
If the entire display needs to be blinked at a frequency other than the nominal blink
frequency, this can be done using the mode set command to set and reset the display
enable bit E at the required rate (see Table 9).
Table 7.
Blink frequencies
Blinking mode
Normal operating
mode ratio
Power saving mode
ratio
Blink frequency
off
-
-
blinking off
1
2 Hz
2
1 Hz
3
0.5 Hz
f
blink
f
clk
92160
----------------
=
f
blink
f
clk
15360
----------------
=
f
blink
f
clk
184320
--------------------
=
f
blink
f
clk
30720
----------------
=
f
blink
f
clk
368640
--------------------
=
f
blink
f
clk
61440
----------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com