전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCIMX258CJM4A 데이터시트(PDF) 136 Page - Freescale Semiconductor, Inc

부품명 PCIMX258CJM4A
상세설명  i.MX25 Applications Processor for Consumer and Industrial Products
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX258CJM4A 데이터시트(HTML) 136 Page - Freescale Semiconductor, Inc

Back Button PCIMX258CJM4A Datasheet HTML 132Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 133Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 134Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 135Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 136Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 137Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 138Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 139Page - Freescale Semiconductor, Inc PCIMX258CJM4A Datasheet HTML 140Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 144 page
background image
i.MX25 Applications Processor for Consumer and Industrial Products, Rev. 3
136
Freescale Semiconductor
Table 104 lists the 12
×12 mm package i.MX25 no connect contact assignments.
INAUX0
AA15
NFCLE
D1
SDBA0
A17
INAUX1
W14
NFRB
G5
SDBA1
D16
INAUX2
AB16
NFRE_B
C1
SDCKE0
A16
K4
D14
NFWE_B
E1
SDCKE1
F16
KPP_COL0
T1
NFWP_B
G4
SDCLK
D13
SDCLK_B
D14
TAMPER_A
V11
UART2_RXD
V1
SD1_CLK
N21
TAMPER_B
V13
UART1_RTS
W1
SD1_DATA0
P22
TCK
AA13
UART2_RTS
T2
SD1_DATA1
R22
TD0
AA11
UART1_TXD
V6
SD1_DATA2
M22
TDI
W12
VSYNC
W5
SD1_DATA3
M21
TEST_MODE
AA19
VSTBY_ACK
W22
SD1_CMD
N22
TMS
AA12
VSTBY_REQ
T21
SDQS0
E14
TRSTB
AB14
WIPER
AA17
SDQS1
E12
UART1_CTS
R5
XN
AA16
SDWE
B15
UART2_CTS
P5
XP
AA18
SJC_MOD
AB11
UART1_RXD
U2
YN
W15
YP
AB17
Table 104. 12x12 mm Package i.MX25 No Connect Contact Assignments
Signal Name
Contact Assignment
NC_BGA_E4
E4
NC_BGA_L4
L4
Table 103. 12x12 mm Package i.MX25 Signal Contact Assignment (continued)
Ball Name
Ball Position
Ball Name
Ball Position
Ball Name
Ball Position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More