| 전자부품 데이터시트 검색엔진 |
|
PIC12F519-E/MS 데이터시트(PDF) 48 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F519-E/MS 데이터시트(HTML) 48 Page - Microchip Technology |
|
48 / 96 page ![]() PIC12F519 DS41319B-page 46 © 2008 Microchip Technology Inc. FIGURE 8-11: WATCHDOG TIMER BLOCK DIAGRAM TABLE 8-6: SUMMARY OF REGISTER ASSOCIATED WITH THE WATCHDOG TIMER Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets OPTION GPWU GPPU T0CS T0SE PSA PS2 PS1 PS0 1111 1111 1111 1111 Legend: Shaded boxes = Not used by Watchdog Timer. (Figure 7-1) Postscaler Note 1: PSA, PS<2:0> are bits in the OPTION register. WDT Time-out Watchdog Time From Timer0 Clock Source WDT Enable Configuration Bit PSA Postscaler 8-to-1 MUX PS<2:0> (Figure 7-3) To Timer0 0 1 M U X 1 0 PSA MUX |