| 전자부품 데이터시트 검색엔진 |
|
PIC12F519-E/MS 데이터시트(PDF) 79 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F519-E/MS 데이터시트(HTML) 79 Page - Microchip Technology |
|
79 / 96 page ![]() © 2008 Microchip Technology Inc. DS41319B-page 77 PIC12F519 FIGURE 12-8: WDT TIME-OUT vs. VDD OVER TEMPERATURE (NO PRESCALER) FIGURE 12-9: VOL vs. IOL OVER TEMPERATURE (VDD = 3.0V) 0 5 10 15 20 25 30 35 40 45 50 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 VDD (V) Typical: Statistical Mean @25°C Maximum: Mean (Worst-Case Temp) + 3 σ (-40°C to 125°C) Max. 125°C Max. 85°C Typical. 25°C Min. -40°C 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0 9.5 10.0 IOL (mA) Max. 85°C Max. 125°C Typical 25°C Min. -40°C Typical: Statistical Mean @25°C Maximum: Mean (Worst-Case Temp) + 3 σ (-40°C to 125°C) |