전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC12F519-E/MS 데이터시트(PDF) 81 Page - Microchip Technology

부품명 PIC12F519-E/MS
상세설명  8-Pin, 8-Bit Flash Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F519-E/MS 데이터시트(HTML) 81 Page - Microchip Technology

Back Button PIC12F519-E/MS Datasheet HTML 77Page - Microchip Technology PIC12F519-E/MS Datasheet HTML 78Page - Microchip Technology PIC12F519-E/MS Datasheet HTML 79Page - Microchip Technology PIC12F519-E/MS Datasheet HTML 80Page - Microchip Technology PIC12F519-E/MS Datasheet HTML 81Page - Microchip Technology PIC12F519-E/MS Datasheet HTML 82Page - Microchip Technology PIC12F519-E/MS Datasheet HTML 83Page - Microchip Technology PIC12F519-E/MS Datasheet HTML 84Page - Microchip Technology PIC12F519-E/MS Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 96 page
background image
© 2008 Microchip Technology Inc.
DS41319B-page 79
PIC12F519
FIGURE 12-12:
VOH vs. IOH OVER TEMPERATURE (VDD = 5.0V)
FIGURE 12-13:
TTL INPUT THRESHOLD VIN vs. VDD
3.0
3.5
4.0
4.5
5.0
5.5
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
IOH (mA)
Max. -40°C
Typ. 25°C
Min. 125°C
Typical: Statistical Mean @25°C
Maximum: Mean (Worst-Case Temp) + 3
σ
(-40°C to 125°C)
0.5
0.7
0.9
1.1
1.3
1.5
1.7
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)
Typ. 25°C
Max. -40°C
Min. 125°C
Typical: Statistical Mean @25°C
Maximum: Mean (Worst-Case Temp) + 3
σ
(-40°C to 125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96