전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC12F519-E/MS 데이터시트(PDF) 15 Page - Microchip Technology

부품명 PIC12F519-E/MS
상세설명  8-Pin, 8-Bit Flash Microcontrollers
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F519-E/MS 데이터시트(HTML) 15 Page - Microchip Technology

Back Button PIC12F519-E/MS Datasheet HTML 11Page - Microchip Technology PIC12F519-E/MS Datasheet HTML 12Page - Microchip Technology PIC12F519-E/MS Datasheet HTML 13Page - Microchip Technology PIC12F519-E/MS Datasheet HTML 14Page - Microchip Technology PIC12F519-E/MS Datasheet HTML 15Page - Microchip Technology PIC12F519-E/MS Datasheet HTML 16Page - Microchip Technology PIC12F519-E/MS Datasheet HTML 17Page - Microchip Technology PIC12F519-E/MS Datasheet HTML 18Page - Microchip Technology PIC12F519-E/MS Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 96 page
background image
© 2008 Microchip Technology Inc.
DS41319B-page 13
PIC12F519
4.0
MEMORY ORGANIZATION
The PIC12F519 memory is organized into program
memory and data memory (SRAM). The self-writable
portion of the program memory called Flash data mem-
ory, is located at addresses 400h-43Fh. As the device
has more than 512 bytes of program memory, a paging
scheme is used. Program memory pages are accessed
using STATUS register bit, PA0. For the PIC12F519,
with data memory register files of more than 32 regis-
ters, a banking scheme is used. Data memory banks
are accessed using the File Select Register (FSR).
4.1
Program Memory Organization for
the PIC12F519
The PIC12F519 device has an 11-bit Program Counter
(PC) capable of addressing a 2K x 12 program memory
space.
Only the first 1K x 12 (0000h-03FFh) are physically
implemented (see Figure 4-1). Accessing a location
above these boundaries will cause a wrap-around
within the 1K x 12 space. The effective Reset vector
is a 0000h (see Figure 4-1). Location 03FFh contains
the internal clock oscillator calibration value. This
value should never be overwritten.
FIGURE 4-1:
MEMORY MAP
CALL
, RETLW
PC<11:0>
Stack Level 1
Stack Level 2
10
0000h
7FFh
01FFh
0200h
On-chip Program
Memory
Reset Vector(1)
Note
1:
Address 0000h becomes the effective
Reset vector. Location 03FFh contains
the MOVLW XX internal oscillator
calibration value.
2:
Flash data memory is non-executable.
512 Word
1024 Word
03FFh
0400h
On-chip Program
Memory
Flash Data Memory
043Fh
0440h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96