| 전자부품 데이터시트 검색엔진 |
|
PIC12F519-E/MS 데이터시트(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F519-E/MS 데이터시트(HTML) 14 Page - Microchip Technology |
|
14 / 96 page ![]() PIC12F519 DS41319B-page 12 © 2008 Microchip Technology Inc. 3.1 Clocking Scheme/Instruction Cycle The clock input (OSC1/CLKIN pin) is internally divided by four to generate four non-overlapping quadrature clocks, namely Q1, Q2, Q3 and Q4. Internally, the PC is incremented every Q1 and the instruction is fetched from program memory and latched into the instruction register in Q4. It is decoded and executed during the following Q1 through Q4. The clocks and instruction execution flow is shown in Figure 3-2 and Example 3-1. 3.2 Instruction Flow/Pipelining An instruction cycle consists of four Q cycles (Q1, Q2, Q3 and Q4). The instruction fetch and execute are pipelined such that fetch takes one instruction cycle, while decode and execute take another instruction cycle. However, due to the pipelining, each instruction effectively executes in one cycle. If an instruction causes the PC to change (e.g., GOTO), then two cycles are required to complete the instruction (Example 3-1). A fetch cycle begins with the PC incrementing in Q1. In the execution cycle, the fetched instruction is latched into the Instruction Register (IR) in cycle Q1. This instruction is then decoded and executed during the Q2, Q3 and Q4 cycles. Data memory is read during Q2 (operand read) and written during Q4 (destination write). FIGURE 3-2: CLOCK/INSTRUCTION CYCLE EXAMPLE 3-1: INSTRUCTION PIPELINE FLOW Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 OSC1 Q1 Q2 Q3 Q4 PC PC PC + 1 PC + 2 Fetch INST (PC) Execute INST (PC - 1) Fetch INST (PC + 1) Execute INST (PC) Fetch INST (PC + 2) Execute INST (PC + 1) Internal Phase Clock All instructions are single cycle, except for any program branches. These take two cycles, since the fetch instruction is “flushed” from the pipeline, while the new instruction is being fetched and then executed. 1. MOVLW 03H Fetch 1 Execute 1 2. MOVWF GPIO Fetch 2 Execute 2 3. CALL SUB_1 Fetch 3 Execute 3 4. BSF GPIO, 1 Fetch 4 Flush Fetch SUB_1 Execute SUB_1 |