| 전자부품 데이터시트 검색엔진 |
|
PIC12F519-E/MS 데이터시트(PDF) 63 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F519-E/MS 데이터시트(HTML) 63 Page - Microchip Technology |
|
63 / 96 page ![]() © 2008 Microchip Technology Inc. DS41319B-page 61 PIC12F519 11.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings(†) Ambient temperature under bias.......................................................................................................... -40°C to +125°C Storage temperature ............................................................................................................................ -65°C to +150°C Voltage on VDD with respect to VSS ...............................................................................................................0 to +6.5V Voltage on MCLR with respect to VSS..........................................................................................................0 to +13.5V Voltage on all other pins with respect to VSS ............................................................................... -0.3V to (VDD + 0.3V) Total power dissipation(1) .................................................................................................................................. 700 mW Max. current out of VSS pin ................................................................................................................................ 200 mA Max. current into VDD pin ................................................................................................................................... 150 mA Input clamp current, IIK (VI < 0 or VI > VDD) ...................................................................................................................±20 mA Output clamp current, IOK (VO < 0 or VO > VDD) ...........................................................................................................±20 mA Max. output current sunk by any I/O pin .............................................................................................................. 25 mA Max. output current sourced by any I/O pin ......................................................................................................... 25 mA Max. output current sourced by I/O port .............................................................................................................. 75 mA Max. output current sunk by I/O port ................................................................................................................... 75 mA Note 1: Power dissipation is calculated as follows: PDIS = VDD x {IDD – ∑ IOH} + ∑ {(VDD – VOH) x IOH} + ∑(VOL x IOL) †NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. |