전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM4549B 데이터시트(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
부품명 LM4549B
상세설명  AC ??7 Rev 2.1 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4549B 데이터시트(HTML) 22 Page - National Semiconductor (TI)

Back Button LM4549B Datasheet HTML 18Page - National Semiconductor (TI) LM4549B Datasheet HTML 19Page - National Semiconductor (TI) LM4549B Datasheet HTML 20Page - National Semiconductor (TI) LM4549B Datasheet HTML 21Page - National Semiconductor (TI) LM4549B Datasheet HTML 22Page - National Semiconductor (TI) LM4549B Datasheet HTML 23Page - National Semiconductor (TI) LM4549B Datasheet HTML 24Page - National Semiconductor (TI) LM4549B Datasheet HTML 25Page - National Semiconductor (TI) LM4549B Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Register Descriptions
Default settings are indicated by *.
RESET REGISTER (00h)
Writing any value to this register causes a Register Reset
which changes all registers back to their default values. If a
read is performed on this register, the LM4549B will return a
value of 0D40h. This value can be interpreted in accordance
with the AC ’97 Specification to indicate that National 3D
Sound is implemented and 18-bit data is supported for both
the ADCs and DACs.
MASTER VOLUME REGISTER (02h)
This output register allows the output level from either chan-
nel of the stereo LINE_OUT to be muted or attenuated over
the range 0 dB – 46.5 dB in nominal 1.5 dB steps. There are
6 bits of volume control for each channel and both stereo
channels can be individually attenuated. The mute bit (D15)
acts simultaneously on both stereo channels of LINE_OUT.
The AC’97 specification states that “support for the MSB of
the level is optional.” All six bits may be written to the
register, but if the MSB is a ’1’, the MSB is ignored and the
register will be set to 0 11111. This will be the value when the
register is read, allowing the software driver to detect
whether the MSB is supported or not.
Mute
Mx5:Mx0
Function
0
0 00000
0 dB attenuation
0
0 11111
46.5 dB attenuation
0
1 xxxxx
As Written
0
0 11111
As read back
1
X XXXXX
*mute
Default: 8000h
LINE LEVEL VOLUME REGISTER (04h)
This output register allows the level from both channels of
LNLVL_OUT to be muted or individually attenuated over the
range 0 dB to –46.5 dB in nominal 1.5 dB steps. There are 6
bits of volume control for each channel plus one mute bit.
The mute bit (D15) acts on both channels. Operation of this
register and LNLVL_OUT matches that of the Master Volume
register and the LINE_OUT output.
MONO VOLUME REGISTER (06h)
This output register allows the level from MONO_OUT to be
muted or attenuated over the range 0 dB – 46.5 dB in
nominal 1.5 dB steps. There are 6 bits of volume control and
one mute bit (D15). All six bits may be written to the register,
but if the MSB is a 1, the MSB is ignored and the register will
be set to 0 11111. This will be the value when the register is
read, allowing the software driver to detect whether the MSB
is supported or not.
Mute
MM5:MM0
Function
0
0 00000
0 dB attenuation
0
0 11111
46.5 dB attenuation
0
1 xxxxx
As written
0
0 11111
As read back
1
X XXXXX
*mute
Default: 8000h
PC BEEP VOLUME REGISTER (0Ah)
This input register adjusts the level of the mono PC_BEEP
input to the stereo mixer MIX2 where it is summed equally
into both channels of the Stereo Mix signal. PC_BEEP can
be both muted and attenuated over a range of 0 dB to –45
dB in nominal 3 dB steps. Note that the default setting for the
PC_Beep Volume register is 0 dB attenuation rather than
mute.
Mute
PV3:PV0
Function
0
0000
*0 dB attenuation
0
1111
45 dB attenuation
1
XXXX
mute
Default: 0000h
MIXER INPUT VOLUME REGISTERS (Index 0Ch - 18h)
These input registers adjust the volume levels into the stereo
mixers MIX1 and MIX2. Each channel may be adjusted over
a range of +12 dB gain to –34.5 dB attenuation in 1.5 dB
steps. For stereo ports, volumes of the left and right chan-
nels can be independently adjusted. Muting a given port is
accomplished by setting the MSB to 1. Setting the MSB to 1
for stereo ports mutes both the left and right channels. The
Mic Volume register (0Eh) controls an additional 20 dB boost
for the selected microphone input by setting the 20dB bit
(D6).
Mute
Gx4:Gx0
Function
0
0 0000
+12 dB gain
0
0 1000
0 dB gain
0
1 1111
–34.5 dB attenuation
1
X XXXX
*mute
Default:
8008h (mono registers)
8808h (stereo registers)
RECORD SELECT REGISTER (1Ah)
This register independently controls the sources for the right
and left channels of the stereo ADC. The default value of
0000h corresponds to selecting the (mono) Mic input for both
channels.
SL2:SL0
Source for Left Channel ADC
0
*Mic input
1
CD input (L)
2
VIDEO input (L)
3
AUX input (L)
4
LINE_IN input (L)
5
Stereo Mix (L)
6
Mono Mix
7
PHONE input
SR2:SR0
Source for Right Channel ADC
0
*Mic input
1
CD input (R)
2
VIDEO input (R)
3
AUX input (R)
4
LINE_IN input (R)
5
Stereo Mix (R)
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com