전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FX980 데이터시트(PDF) 38 Page - CML Microcircuits

부품명 FX980
상세설명  TETRA Baseband Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CMLMICRO [CML Microcircuits]
홈페이지  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX980 데이터시트(HTML) 38 Page - CML Microcircuits

Back Button FX980 Datasheet HTML 34Page - CML Microcircuits FX980 Datasheet HTML 35Page - CML Microcircuits FX980 Datasheet HTML 36Page - CML Microcircuits FX980 Datasheet HTML 37Page - CML Microcircuits FX980 Datasheet HTML 38Page - CML Microcircuits FX980 Datasheet HTML 39Page - CML Microcircuits FX980 Datasheet HTML 40Page - CML Microcircuits FX980 Datasheet HTML 41Page - CML Microcircuits FX980 Datasheet HTML 42Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 86 page
background image
TETRA Baseband Processor
FX980
© 1997 Consumer Microcircuits Limited
38
D/980/3
Address $0x1F
7:0
AuxDac4MsbData
Data RW
Writing to this address writes the most significant eight
bits of the DacData4 register and updates DAC 4. This
register may also be read for test purposes.
• Address and Data format for Auxillary DAC Data access
0
1
Data field [9:0]
Address field [6:0]
D9
D8
D7
D6
D5
D4
D3
D2
R
R
R
R
R
R
D1
D0
0
0
1
1
N1
N0
0
0
1
1
N1
N0
N1 N0
Channel Selected
0 0
Channel 1
0 1
Channel 2
1 0
Channel 3
1 1
Channel 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86