전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FX980 데이터시트(PDF) 22 Page - CML Microcircuits

부품명 FX980
상세설명  TETRA Baseband Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CMLMICRO [CML Microcircuits]
홈페이지  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX980 데이터시트(HTML) 22 Page - CML Microcircuits

Back Button FX980 Datasheet HTML 18Page - CML Microcircuits FX980 Datasheet HTML 19Page - CML Microcircuits FX980 Datasheet HTML 20Page - CML Microcircuits FX980 Datasheet HTML 21Page - CML Microcircuits FX980 Datasheet HTML 22Page - CML Microcircuits FX980 Datasheet HTML 23Page - CML Microcircuits FX980 Datasheet HTML 24Page - CML Microcircuits FX980 Datasheet HTML 25Page - CML Microcircuits FX980 Datasheet HTML 26Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 86 page
background image
TETRA Baseband Processor
FX980
© 1997 Consumer Microcircuits Limited
22
D/980/3
PowerDownCtrl
Title:
Power Control register
Address:
$0x02
Function:
RW
Description:
This register, together with the following bits, controls the power saving features:
TxEn
bit of register
TxSetup
RxEn
bit of register
RxSetup1
TxClkStop
bit of register
TxSetup
RxClkStop
bit of register
RxSetup1
Bit
Name
Active State
Function
7
RW
Reserved. Set this bit Low. Undefined on read.
6
BiaslCtrl
High
RW
When set active, increases Tx and Rx analogue bias
currents.
5
BiasPowDn
Low
RW
When set active powers down the analogue bias section.
4
AuxDac4PowDn
Low
RW
When set active powers down Auxiliary Dac4.
3
AuxDac3PowDn
Low
RW
When set active powers down Auxiliary Dac3.
2
AuxDac2PowDn
Low
RW
When set active powers down Auxiliary Dac2.
1
AuxDac1PowDn
Low
RW
When set active powers down Auxiliary Dac1.
0
RxAafPowDn
Low
RW
When set active powers down the receive analogue
anti-alias filter (AAF).
• Address and Data format for PowerDownCtrl access
Data field [7:0]
R
D6
D5
D4
D3
D2
D1
D0
0
1
0
0
0
0
0
Address field [6:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86