| 전자부품 데이터시트 검색엔진 |
|
FX980 데이터시트(PDF) 17 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
FX980 데이터시트(HTML) 17 Page - CML Microcircuits |
|
17 / 86 page ![]() TETRA Baseband Processor FX980 © 1997 Consumer Microcircuits Limited 17 D/980/3 Rx Data Path Access Points $0x38-$0x39 RxDataAccess Receive path data access point (I) $0x3A-$0x3B RxDataAccess Receive path data access point (Q) $0x3C-$0x3F Not Used Tx Data Path Registers $0x40-$0x41 TxPhase Transmit I channel phase correction registers $0x42-$0x43 TxIQGainMult Transmit I channel gain attenuation registers $0x44-$0x45 TxIQOffset Transmit I channel offset correction registers $0x46-$0x47 TxPhase Transmit Q channel phase correction registers $0x48-$0x49 TxIQGainMult Transmit Q channel gain attenuation registers $0x4A-$0x4B TxIQOffset Transmit Q channel offset correction registers $0x4C-$0x4D TxRampUpInc Transmit ramp-up increment registers $0x4E-$0x4F TxRampDnDec Transmit ramp-down decrement registers Tx Data Path Access Points $0x50-$0x51 TxDataAccess Transmit path data access point (I) $0x52-$0x53 TxDataAccess Transmit path data access point (Q) $0x54-$0x5F Not Used Self Test Registers $0x60-$0x61 BISTPRSG Built-in self test pseudo-random sequence generator $0x62 BISTControl Built-in self test control register $0x63 Not Used $0x64-$0x6D BISTCRCRegisters Built-in self test cyclic redundancy code checkers $0x6E-$0x6F Not Used SRAM Memory Access Points $0x70-$0x73 SramData Auxiliary DAC1 memory I/O access addresses $0x74-$0x7F Not Used Note: Addresses $0x80 to $0xFF cannot be used as the MSB controls the direction of data flow: “1” = High = Read and “0” = Low = Write. |