전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN8420D3 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FAN8420D3
상세설명  3-Phase BLDC Motor Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8420D3 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FAN8420D3 Datasheet HTML 1Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 2Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 3Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 4Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 5Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 6Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 7Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 8Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
FAN8420D3
5
Rev. 1.0.1
Oct. 2000.
Absolute Maximum Ratings (Ta = 25
°°°°C)
NOTE:
1. When mounted on a 76.2mm
× 114mm × 1.57mm PCB (Phenolic resin material).
2. Power dissipation reduces 16.6mW/
°°°°C for using above Ta = 25°°°°C
3. Do not exceed PD and SOA (Safe operating area).
Power Dissipation Curve
Recommended Operating Conditions (Ta = 25
°°°°C)
Parameter
Symbol
Value
Unit
Maximum supply voltage (Signal)
VCCmax
7V
Maximum supply voltage (Motor)
VMmax
15
V
Power dissipation
PD
2.5note
W
Maximum output current
IOmax
1.3
A
Operating temperature range
TOPR
−25 ~ +75
°C
Storage temperature range
TSTG
−55 ~ +150
°C
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VCC
4.555.5
V
Motor supply voltage
VM
3.0
12
14
V
3,000
2,000
1,000
0
0
25
50
75
100
125
150
175
Pd (mW)
Ambient temperature, Ta [
°C]
SOA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com