전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN8420D3 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 FAN8420D3
상세설명  3-Phase BLDC Motor Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8420D3 데이터시트(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN8420D3 Datasheet HTML 4Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 5Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 6Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 7Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 8Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 9Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 10Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 11Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
FAN8420D3
8
Rev. 1.0.1
Oct.. 2000.
Application Information
1. Torque Control & Output Current Control
• By amplifying the voltage difference between EC and Ecr from servo IC, the torque sense amp produces the input (VAMP)
for the current sense amp.
• The output current (IO) is converted into the voltage (VCS) through the sense resistor (RCS) and compared with the VAMP.
By the negative feedback loop, the sensed output voltage, VCS is equal to the input VAMP. Therefore, the output current
(IO) is linearly controlled by the input VAMP.
• As a result, the signals, EC and ECR can control the velocity of the Motor by controlling the output current (IO) of the
driver.
• The range of the torque voltage is as shown below.
+
−−−−
+
−−−−
Torque AMP
EC
ECR
VM
ECR-EC
Current Sense AMP
TSD
Gain
Controller
Driver
M
RCS
VCS
+
IO
VM
Forward
Ecoff+
Ecoff-
Reverse
Current
[mA]
6
0
ECR -EC
Rotation
ECR > Ec
Forward rotation
ECR < Ec
Stop after detecting re-
verse rotation
The input range of ECR and EC is 0.2 V ~ 3.3 V ( RNF = 0.5[
Ω] )
500
700
50mV
-50mV
0.71[A/V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com