전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN8420D3 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FAN8420D3
상세설명  3-Phase BLDC Motor Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8420D3 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FAN8420D3 Datasheet HTML 1Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 2Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 3Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 4Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 5Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 6Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 7Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 8Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
FAN8420D3
2
Rev. 1.0.1
Oct.. 2000.
Pin Assignments
Pin Definitions
Pin Number
Pin Name
I/O
Pin Function Description
1
NC
-
No connection
2
A3
O
Output (A3)
3
NC
-
No connection
4
A2
O
Output (A2)
5
NC
-
No connection
6
NC
-
No connection
7
A1
O
Output (A1)
8
GND
-
Ground
9
H1+
I
Hall signal (H1+)
10
H1
I
Hall signal (H1
−)
11
H2+
I
Hall signal (H2+)
12
H2
I
Hall signal (H2
−)
13
H3+
I
Hall signal (H3+)
14
H3
I
Hall signal (H3
−)
15
VH
I
Hall bias
16
NC
-
No connection
17
PC1
-
Phase compensation capacitor
18
SB
I
Short brake
19
FG3X
O
FG waveform (3X)
20
DIR
O
Rotational direction output
21
ECR
I
Output current control reference
22
EC
I
Output current control voltage
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
FAN8420D3
FIN(GND)
FIN(GND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com