전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN8420D3 데이터시트(PDF) 16 Page - Fairchild Semiconductor

부품명 FAN8420D3
상세설명  3-Phase BLDC Motor Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8420D3 데이터시트(HTML) 16 Page - Fairchild Semiconductor

Back Button FAN8420D3 Datasheet HTML 10Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 11Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 12Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 13Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 14Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 15Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 16Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 17Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 18Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
FAN8420D3
16
Rev. 1.0.1
Oct.. 2000.
Typical Application Circuits
1
2
3
4
5
6
7
8
9
10
11
12
13
14
19
18
17
16
15
22
21
20
23
24
25
26
27
28
HALL 1
HALL 3
Servo
Signal
ST
HALL 2
1.675V
SP
VCC (5V)
VM (12V)
FAN8420D3
0.5
R2
R1
0.1
µF
NC
A3
NC
A2
NC
NC
A1
GND
H1+
H1
H2+
H2
H3+
H3
CS1
VM
NC
VCC
FG1X
SS
EC
ECR
DIR
FG3X
SB
PC1
NC
VH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com