전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN8420D3 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FAN8420D3
상세설명  3-Phase BLDC Motor Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8420D3 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FAN8420D3 Datasheet HTML 1Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 2Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 3Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 4Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 5Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 6Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 7Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 8Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
©2000 Fairchild Semiconductor International
www.fairchildsemi.com
Rev. 1.0.1
Oct. 2000.
Features
• 3-phase, full-wave, linear BLDC motor driver
• Power save at stop mode
• Built-in current limiter
• Built-in TSD (Thermal shutdown) circuit
• Built-in 3X and 1X hall FG output
• Built-in hall bias circuit
• Built-in rotational direction detector
• Built-in reverse rotation preventer
• Built-in short braker
• Corresponds to 3.3V DSP
Description
The FAN8420D3 is a monolithic IC, suitable for a 3-phase
spindle motor driver of a CD-media system.
28-SSOPH-375
28-SSOPH-375SG2
Typical Applications
• Compact disk ROM (CD-ROM) spindle motor
• Compact disk RW (CD-RW) spindle motor
• Digital video disk ROM (DVD-ROM) spindle motor
• Digital video disk RAM (DVD-RAM) spindle motor
• Digital video disk Player (DVDP) spindle motor
• Other compact disk media spindle motor
• Other 3-phase BLDC motor
Ordering Information
Device
Package
Operating Temp.
FAN8420D3 28-SSOPH-375SG2
−25°C ~ +75°C
FAN8420D3TF 28-SSOPH-375SG2
−25°C ~ +75°C
FAN8420D3
3-Phase BLDC Motor Driver


유사한 부품 번호 - FAN8420D3

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN8422G FAIRCHILD-FAN8422G Datasheet
358Kb / 10P
Floppy Disk Drive Spindle Motor Driver
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
3-Phase BLDC Motor Driver
FAN8423D3TF FAIRCHILD-FAN8423D3TF Datasheet
249Kb / 18P
3-Phase BLDC Motor Driver
More results

유사한 설명 - FAN8420D3

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN8400D FAIRCHILD-FAN8400D Datasheet
67Kb / 14P
3-Phase BLDC Motor Driver with PLL
FAN8403D3 FAIRCHILD-FAN8403D3 Datasheet
80Kb / 12P
3-Phase BLDC Motor Driver with PLL
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
3-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
3-Phase BLDC Motor Driver
logo
KODENSHI_AUK CORP.
S3313 KODENSHI-S3313 Datasheet
464Kb / 17P
3 phase BLDC Motor Driver IC
logo
Princeton Technology Co...
PT2431 PTC-PT2431 Datasheet
201Kb / 5P
3-Phase Sensorless BLDC Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM6807 AMTEK-AM6807 Datasheet
648Kb / 29P
3 Phase BLDC Motor Pre-Driver
JUN. 2008 V1.22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com