전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN8420D3 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FAN8420D3
상세설명  3-Phase BLDC Motor Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8420D3 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN8420D3 Datasheet HTML 3Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 4Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 5Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 6Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 7Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 8Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 9Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 10Page - Fairchild Semiconductor FAN8420D3 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
FAN8420D3
7
Rev. 1.0.1
Oct. 2000.
Electrical Characteristics (Continued)
1. Calculation Of Gain & Torque Limit Current
0.355 is GM times R1 and is a fixed value within IC.
Vmax (see above block diagram) is set at 350mV.
EC
ECR
+
Gm
+
+
Absolute
Values
Current / Voltage
Convertor
R1
Vin
+
Driver
VM
Vmax
Max. output current limiting
+
VM
VM
Negative
Feedback loop
IO
RS
VS
+
CS1 (Pin 28)
Output
Current sense
Power
Transistors
Commutation
Distributor
U
V
W
H1
H2
H3
IO
Gain
0.355
R
S
--------------- AV
[]
=
Itl
Vmax
R
S
----------------
350 mV
[]
R
S
------------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com