전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PRF18BE471RB5RB 데이터시트(PDF) 58 Page - Murata Manufacturing Co., Ltd.

부품명 PRF18BE471RB5RB
상세설명  POSISTOR for Circuit Protection
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471RB5RB 데이터시트(HTML) 58 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BE471RB5RB Datasheet HTML 54Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 55Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 56Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 57Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 58Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 59Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 60Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 61Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 62Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 104 page
background image
POSISTOR
r for Circuit Protection
Overcurrent Protection 250/265V Series
"POSISTOR" is a circuit protector whose resistance
value in normal operation is very low and in abnormal
situations like overcurrent or overheating, will be
increased to restrain overcurrent. "POSISTOR" can be
used for overcurrent protection against current fuse
or temperature fuse, due to its ability to return to
its initial condition when overcurrent is removed.
c Features
1. Best suited to meet the requirements for power
supplies and motor protection. Error-free operations
are assured by rush current.
2. Circuit is protected until current is turned off.
3. Restores the original low resistance value
automatically once the overload is removed.
4. Non-contact design leads to long life and no noise.
Durable and strong against mechanical vibration
and shock because it is a solid element.
ød±0.05
D max.
F
T max.
+0.8
–0.3
(in mm)
250V Series
D max.
F±1.5
(in mm)
T max.
ød
±0.05
265V Series
(PTGL_1B0)
F±1.5
ød±0.05
D max.
T max.
(in mm)
265V Series
(PTGL_2B0)
Part Number
Max.
Voltage
(V)
Hold Current
(at +60°C)
(mA)
Hold Current
(at +25°C)
(mA)
Trip Current
(at +25°C)
(mA)
Trip Current
(at -10°C)
(mA)
Max.
Current
(A)
Resistance
(at +25°C)
(ohm)
Body
Diameter
(D) (mm)
Thickness
(T)
(mm)
Lead
Space
(F) (mm)
Lead
Diameter
(phi d) (mm)
PTGL07BB220N0B52A0
250
90
130
250
300
0.5
22 ±30%
8.0
6.0
5.0
0.6
PTGL10BB120N0P52A0
250
90
130
250
300
0.6
12 ±30%
11.0
6.0
5.0
0.6
PTGL09AR390N0B52A0
250
100
115
245
280
0.6
39 ±30%
10.0
6.0
5.0
0.6
PTGL05AR151H8P52B0
265
28
35
65
78
0.2
150 ±25%
6.0
6.0
5.0
0.6
PTGL05AR181M9N51B0
265
29
37
60
70
0.3
180 ±20%
6.5
6.5
5.0
0.5
PTGL05AR121M9N51B0
265
35
47
75
85
0.3
120 ±20%
6.5
6.5
5.0
0.5
PTGL07AR820M9A51B0
265
60
75
125
150
0.5
82 ±20%
8.2
6.5
5.0
0.5
PTGL07AR700H8B52B0
265
66
85
160
185
0.4
70 ±25%
8.0
6.0
5.0
0.6
PTGL07AR650H8B52B0
265
68
84
162
190
1.0
65 ±25%
8.0
6.0
5.0
0.6
PTGL07AR450H8B52B0
265
80
105
200
220
1.0
45 ±25%
8.0
6.0
5.0
0.6
PTGL07AR560M9A51B0
265
80
95
165
190
0.8
56 ±20%
8.2
6.5
5.0
0.5
Continued on the following page.
R90E.pdf
Sep.24,2012
56
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com