전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PRF18BE471RB5RB 데이터시트(PDF) 100 Page - Murata Manufacturing Co., Ltd.

부품명 PRF18BE471RB5RB
상세설명  POSISTOR for Circuit Protection
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471RB5RB 데이터시트(HTML) 100 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BE471RB5RB Datasheet HTML 96Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 97Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 98Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 99Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 100Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 101Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 102Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 103Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 104Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 100 / 104 page
background image
Lead Type PTGL/PTF Series Package
Series
Part Number
Min. Qty.
Min. Qty.
Part Number
Bulk Type
Narrow
Current Band
30V series
Narrow
Current Band
51V series
Narrow
Current Band
60V series
Narrow
Current Band
140V series
16V Series
24V Series
30V Series
32V Series
56V Series
500
300
500
300
500
300
500
300
500
300
500
500
300
500
500
300
PTGL04AS100K2B51B0
PTGL04AS100K2N51B0
PTGL05AS3R9K2B51B0
PTGL07AS2R7K2B51B0
PTGL07AS1R8K2B51B0
PTGL09AS1R2K2B51B0
PTGL12AS0R8K2B51B0
PTGL04AS100K3B51B0
PTGL05AS6R8K3B51B0
PTGL07AS3R3K3B51B0
PTGL09AS2R2K3B51B0
PTGL12AS1R2K3B51B0
PTGL04AS220K4B51B0
PTGL04AS220K4N51B0
PTGL05AS100K4B51B0
PTGL07AS5R6K4B51B0
PTGL07AS5R6K4N51B0
PTGL09AS3R3K4B51B0
PTGL12AS2R2K4B51B0
PTGL04AS560K6B51B0
PTGL05AS270K6B51B0
PTGL07AS150K6B51B0
PTGL09AS120K6B51B0
PTGL09AS7R6K6B51B0
PTGL12AS4R7K6B51B0
PTGL05AR1R0M1B51B0
PTGL06AR0R8M1B51B0
PTGL07ARR47M1B51B0
PTGL09ARR33M1B51B0
PTGL10ARR27M1B51B0
PTGL12AR0R2M1B51B0
PTGL14ARR15M1B51B0
PTGL07BD100N2B51B0
PTGL07BD6R8N2B51B0
PTGL09BD4R7N2B51B0
PTGL09BD3R3N2B51B0
PTGL09BD2R2N2B51B0
PTGL04AR130H2B51B0
PTGL07AR4R6H2B51B0
PTGL09AR1R8H2B51B0
PTGL12AR1R2H2B51B0
PTGL13AR0R8H2B71B0
PTGL07BD470N3B51B0
PTGL07BD330N3B51B0
PTGL07BD220N3B51B0
PTGL07BD150N3B51B0
PTGL07AR220M3P51B0
PTGL07AR8R2M3P51B0
PTGL09AR150M3B51B0
PTGL10AR3R9M3P51B0
PTGL09AR4R7M3B51B0
PTGL10AR3R9M3B51B0
PTGL14AR3R3M3B71B0
Ammo Pack Taping Type
1500
1500
1500
1500
2000
-
1500
1500
-
-
1500
1500
-
PTGL04AS100K2B51A0
PTGL04AS100K2N51A0
PTGL05AS3R9K2B51A0
PTGL07AS2R7K2B51A0
PTGL07AS1R8K2B51A0
PTGL09AS1R2K2B51A0
PTGL12AS0R8K2B51A0
PTGL04AS100K3B51A0
PTGL05AS6R8K3B51A0
PTGL07AS3R3K3B51A0
PTGL09AS2R2K3B51A0
PTGL12AS1R2K3B51A0
PTGL04AS220K4B51A0
PTGL04AS220K4N51A0
PTGL05AS100K4B51A0
PTGL07AS5R6K4B51A0
PTGL07AS5R6K4N51A0
PTGL09AS3R3K4B51A0
PTGL12AS2R2K4B51A0
PTGL04AS560K6B51A0
PTGL05AS270K6B51A0
PTGL07AS150K6B51A0
PTGL09AS120K6B51A0
PTGL09AS7R6K6B51A0
PTGL12AS4R7K6B51A0
PTGL05AR1R0M1B51A0
PTGL06AR0R8M1B51A0
PTGL07ARR47M1B51A0
PTGL09ARR33M1B51A0
PTGL10ARR27M1B51A0
PTGL12AR0R2M1B51A0
-
PTGL07BD100N2B51A0
PTGL07BD6R8N2B51A0
PTGL09BD4R7N2B51A0
PTGL09BD3R3N2B51A0
PTGL09BD2R2N2B51A0
PTGL04AR130H2B51A0
PTGL07AR4R6H2B51A0
PTGL09AR1R8H2B51A0
-
-
PTGL07BD470N3B51A0
PTGL07BD330N3B51A0
PTGL07BD220N3B51A0
PTGL07BD150N3B51A0
PTGL07AR220M3P51A0
PTGL07AR8R2M3P51A0
PTGL09AR150M3B51A0
PTGL10AR3R9M3P51A0
PTGL09AR4R7M3B51A0
PTGL10AR3R9M3B51A0
-
80V Series
125V Series
140V Series
250V Series
265V Series
500
300
500
300
250
150
100
500
300
250
200
150
-
-
-
500
300
200
150
100
PTGL05AR550H4P51B0
PTGL07AR250H4B51B0
PTGL09AR9R4H4B51B0
PTGL12AR5R6H4B71B0
PTGL13AR3R7H4B71B0
PTGL05AR181M7P52B0
PTGL07AR750M7B52B0
PTGL09AR470M6B52B0
PTGL09AR220M6B52B0
PTGL12AR150M6B72B0
PTGL14AR100M6B72B0
PTGL18AR6R8M6B72B0
PTGL18AR4R7M6B72B0
PTGL18AR3R3M6B72B0
PTGL07AR330M6A51B0
PTGL09AR220M6C61B0
PTGL10AR150M6C61B0
PTGL12AR100M6C01B0
PTGL13AR6R8M6C01B0
PTGL16AR5R6M6C01B0
-
-
-
PTGL05AR151H8P52B0
PTGL05AR181M9N51B0
PTGL05AR121M9N51B0
PTGL07AR820M9A51B0
PTGL07AR700H8B52B0
PTGL07AR650H8B52B0
PTGL07AR450H8B52B0
PTGL07AR560M9A51B0
PTGL09AR390M9C61B0
PTGL09AR250H8B52B0
PTGL12AR270M9C01B0
PTGL12AR150H8B72B0
PTGL14AR180M9C01B0
PTGL13AR100H8B72B0
PTGL18AR6R0H8B72B0
1500
-
-
1500
1000
-
-
-
-
-
-
-
-
-
-
-
1000
1000
-
-
-
1000
1000
1000
-
-
1000
-
-
-
-
-
PTGL05AR550H4P51A0
PTGL07AR250H4B51A0
PTGL09AR9R4H4B51A0
-
-
PTGL05AR181M7P52A0
PTGL07AR750M7B52A0
PTGL09AR470M6B52A0
PTGL09AR220M6B52A0
-
-
-
-
-
-
-
-
-
-
-
PTGL07BB220N0B52A0
PTGL09AR390N0B52A0
PTGL10BB120N0P52A0
PTGL05AR151H8P52A0
-
-
-
PTGL07AR700H8B52A0
PTGL07AR650H8B52A0
PTGL07AR450H8B52A0
-
-
PTGL09AR250H8B52A0
-
-
-
-
-
Series
Part Number
Min. Qty.
Min. Qty.
Part Number
Bulk Type
Ammo Pack Taping Type
c Minimum Order Quantity (for Overcurrent Protection)
Less than 100μF
Series
100μF or more
Series
500
500
500
150
150
150
150
150
100
100
PTGL07AS121M0N51B0
PTGL07AS181M0N51B0
PTGL07AS201M0N51B0
PTGL14AS470H0B02BZ
PTGL16AS330H0B02BZ
PTGL16AS470H0B02BZ
PTGL16AS680H0B02BZ
PTGL16AS101H0B02BZ
PTGL20AS330H0D02BZ
PTGL20AS470H0D02BZ
1000
1000
1000
-
-
-
-
-
-
-
PTGL07AS121M0N51A0
PTGL07AS181M0N51A0
PTGL07AS201M0N51A0
-
-
-
-
-
-
-
PTF Series
400
200
PTFL Series
PTFM Series
-
-
-
-
c Minimum Order Quantity (for Inrush Current Suppression)
c Minimum Order Quantity (for Overheat Sensing)
Continued on the following page.
R90E.pdf
Sep.24,2012
98
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com