전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PRF18BE471RB5RB 데이터시트(PDF) 81 Page - Murata Manufacturing Co., Ltd.

부품명 PRF18BE471RB5RB
상세설명  POSISTOR for Circuit Protection
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471RB5RB 데이터시트(HTML) 81 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BE471RB5RB Datasheet HTML 77Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 78Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 79Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 80Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 81Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 82Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 83Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 84Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 85Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 104 page
background image
Overheat Sensing Chip Tight Tolerance Type Specifications and Test Methods
· Soldered PTC to PCB. (**)
· 85±3°C (in air), load max.
operating voltage for 1000+12/-0 hrs.
9
High Temperature Load
· Soldered PTC to PCB. (**)
· Cycles: 5 cycles
· Conditions: See below table
8
Temperature Cycling
· Soldered PTC to PCB. (**)
· +60±3°C, 90 to 95%RH leave for 1000+12/-0 hrs.
7
Damp Heat
· Soldered PTC to PCB. (**)
· -20±3°C leave for 1000+12/-0 hrs.
6
Cold
· Soldered PTC to PCB. (**)
· +125±3°C leave for 1000+12/-0 hrs.
This test condition is according to "JIS C 60068-2-2 (1995)."
5
Dry Heat
There is no abnormal appearance after the test.
Resistance change is less than ±20%.(*)
· Solder temp.: 260±5°C
· Solder: Sn 63%/Pb 37% (or 60/40%)
· Flux: Containing less than 0.2wt% of chlorine.
· Soaking time: 10±1 secs.
· Soaking position: Until a whole electrode is soaked.
· Preheating: 150±5°C 3 mins.
This test condition is according to "JIS C 60068-2-58 (2006)."
4
Soldering Heat Resistance
There is no abnormal appearance after the test.
Resistance change is less than ±20%.(*)
· Solder temp.: 230±5°C
· Solder: Sn 63%/Pb 37% (or 60/40%)
· Soaking time: 3±0.5 secs.
· Soaking position: Until a whole electrode is soaked.
This test condition is according to "JIS C 60068-2-58 (2006)."
3
Solderability
Min. 95% electrode is covered with new solder.
Resistance change is less than ±20%.(*)
Soldered PTC to PCB (**)
· Vibration: 10 to 55 to 10Hz (1min.)
· Max. Amplitude: 1.5mm
Vibrate for 2 hours in each of 3 mutually perpendicular plane for
a total of 6 hours.
This test condition is according to "JIS C 60068-2-6 (1999)."
2
Vibration
There is no abnormal appearance after the test.
Resistance change is less than ±20%.(*)
After applying maximum operating voltage for 3 minutes and
leaving for 2 hours at 25°C, measured by applying voltage of
less than 3VDC.
1
Resistance Value (at 25°C)
The resistance value should be within the
specified tolerance.
*: The resistance measurement after the test.
It is measured by applying voltage less than 3VDC after left at 25±2°C for 2 hours.
**: Above mentioned soldering is done under the following conditions at our side.
· Glass-Epoxy PC board
· Standard land dimension
· Standard solder paste
· Standard solder profile
Above conditions are mentioned in Notice.
No.
Method of Examination
Rating value
Item
Temp. (°C)
Step
-20+0, -3
Room temp.
+125+3, -0
Room temp.
Time (minute)
30
10 to 15
30
10 to 15
1
2
3
4
c PRF15_103R Series
R90E.pdf
Sep.24,2012
79
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com