전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PRF18BE471RB5RB 데이터시트(PDF) 60 Page - Murata Manufacturing Co., Ltd.

부품명 PRF18BE471RB5RB
상세설명  POSISTOR for Circuit Protection
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471RB5RB 데이터시트(HTML) 60 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BE471RB5RB Datasheet HTML 56Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 57Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 58Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 59Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 60Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 61Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 62Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 63Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 64Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 104 page
background image
Continued from the preceding page.
20
20
120
80
Ambient Temperature (°C)
0
–20
0
40
60
Trip current
Protective threshold current
Hold current
80
40
60
100
c Protective Threshold Current Range (265V Series)
PTGL05AR121M9N51B0
50
20
200
Ambient Temperature (°C)
0
–20
0
40
60
Trip current
Protective threshold current
Hold current
80
100
150
250
PTGL07AR820M9A51B0
50
20
200
150
100
Ambient Temperature (°C)
0
–20
0
40
60
Trip current
Protective threshold current
Hold current
PTGL07AR700H8B52B0
100
20
200
Ambient Temperature (°C)
0
–20
0
40
60
Trip current
Protective threshold current
Hold current
300
PTGL07AR650H8B52B0
100
20
200
Ambient Temperature (°C)
0
–20
0
40
60
Trip current
Protective threshold current
Hold current
300
PTGL07AR450H8B52B0
50
20
200
Ambient Temperature (°C)
0
–20
0
40
60
Trip current
Protective threshold current
Hold current
80
100
150
250
PTGL07AR560M9A51B0
100
20
400
300
200
Ambient Temperature (°C)
0
–20
0
40
60
Trip current
Protective threshold current
Hold current
80
PTGL09AR390M9C61B0
100
20
300
200
Ambient Temperature (°C)
0
–20
0
40
60
Trip current
Protective threshold current
Hold current
PTGL09AR250H8B52B0
Continued on the following page.
R90E.pdf
Sep.24,2012
58
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com