전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PRF18BE471RB5RB 데이터시트(PDF) 82 Page - Murata Manufacturing Co., Ltd.

부품명 PRF18BE471RB5RB
상세설명  POSISTOR for Circuit Protection
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PRF18BE471RB5RB 데이터시트(HTML) 82 Page - Murata Manufacturing Co., Ltd.

Back Button PRF18BE471RB5RB Datasheet HTML 78Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 79Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 80Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 81Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 82Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 83Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 84Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 85Page - Murata Manufacturing Co., Ltd. PRF18BE471RB5RB Datasheet HTML 86Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 104 page
background image
Overheat Sensing Chip Tight Tolerance Type Specifications and Test Methods
Soldered PTC to PCB. (**)
85±2°C (in air), load max. operating voltage
for 1000±12 hours
10
High Temperature Load
Soldered PTC to PCB. (**)
+40±2°C, 90-95%RH leave for 500±8 hours
9
Damp Heat
JIS C 5102 term 9.3
Soldered PTC to PCB. (**)
Times: 5 cycles
8
Temperature Cycling
Soldered PTC to PCB. (**)
-20±3°C leave for 1000±12 hours
7
Cold
Soldered PTC to PCB. (**)
150±2°C leave for 1000±12 hours
6
Dry Heat
Normal appearance
Resistance change: not to exceed ±20% (*)
Sensing temperature change: not to exceed ±1°C
JIS C 60068-2-20 (1996)
Solder temp.: 260±5°C
Solder: Sn63%/Pb37% (or 60%/40%)
Flux: containing less than 0.2wt% of chlorine
Soaking time: 10±0.5 seconds
Soaking position: Until a whole electrode is soaked.
Preheating: 150±5°C, 3 minutes
5
Soldering Heat Resistance
Resistance change: not to exceed ±20% (*)
JIS C 60068-2-20(1996)
Solder temp.: 230±5°C
Solder: Sn63%/Pb37% (or 60%/40%)
Soaking time: 3±0.5 seconds
Soaking position: Until a whole electrode is soaked.
4
Solderability
Min. 95% electrode is covered with new solder.
Resistance change: not to exceed ±20% (*)
JIS C 5102 term 8.2
Soldered PTC to PCB (**)
Vibration: 10-55-10Hz (1 min.)
Width: 1.5mm
Vibrate for 2 hours. in each of 3 mutually
perpendicular plane for a total of 6 hours
3
Vibration Resistance
Normal appearance
Resistance change: not to exceed ±20% (*)
EIAJ ET-7403 term 9
Prepare soldered PTC to PCB (**)
and add the force of 5.0N in the direction as shown below.
(PTC=POSISTOR
r)
2
Adhesive Strength
There is no sign of exfoliation on electrode.
After applying max. operating voltage for 3 minutes and
leaving for 2 hours in 25°C, measured by applying voltage less
than 1.5VDC. (by a direct current less than 10mA).
1
Resistance Value (25°C)
The resistance value shall be within the specified
tolerance.
(*) The resistance measurement after the test.
It is measured by applying voltage less than 1.5VDC.
(by a direct current less than 10mA.) after left at 25±2°C for 2 hours.
(**) Above mentioned soldering is done under the following conditions at our side.
Above conditions are mentioned in Notice.
No.
Test Condition
Specification
Item
Temp. (°C)
Step
-20+0, -3
room temp.
+150+3, -0
room temp.
Time (min.)
30
10 to 15
30
10 to 15
1
2
3
4
F
F
PTC
c PRF18_471R Series
R90E.pdf
Sep.24,2012
80
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com